Part Number Hot Search : 
10120 PBSS51 Z0410XE 2SK3236 78D05 1601A 74HC4002 ATA7602
Product Description
Full Text Search
 

To Download JA9333L-L2S3-7F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  all specification & dimensions are subject to change, please ca ll your nearest foxconn sales representative for update informat ion. specifications audio jack connector ja series t/h type 3 bands plug ? 3.5mm 5 pos. mechanical mating force: 3.0kg ( 6.6lb ) min . unmating force: 0.3kg (0.66lb ) min . durability : 5000 cycles electrical voltage rating: 150v max. current rating: 1a max. contact resistance: 50m ? max. dielectric withstanding voltage: 500v insulation resistance: 100m ? physical housing: thermoplastic, ul 94v-0 contact: copper alloy plating: see ?ordering information? metal spring: copper alloy operating temperature: -40 j to +85 j drawing ordering in fo r matio n tail length 3=2.05mm schematic lead free process housing color w/ shell plug diameter l=pd/ni + gold flash contact area plating 3=3.50 (0.141") body&termination type j=jack 9=single port, special body hight sleeve style plug type 3=w/o bushing 3=3 band conn. series a=audio jack series prefix position no. product no.: j a 9 3 3 3 l - l 2 s 3 - 7 f pos. no. 1 pos. no. 2 pos. no. 3 pos. no. 4 pos. no. 5 l=lime 7=tape reel packing code


▲Up To Search▲   

 
Price & Availability of JA9333L-L2S3-7F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X